Part Number Hot Search : 
KBP06 NE560 DT70V CMPZ4115 LPC768 75EUK2 MC6808 PL001
Product Description
Full Text Search
 

To Download STLGCA44736 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Voltage Controlled Crystal Oscillators (VCXO's) S-Type
Description:
The S-Type is a high volume, high reliability CMOS VCXO. It is ASIC based and available in a through-hole or SMD industry standard footprint ceramic package.
Features:
* Frequencies to 65.536 MHz * 5 or 3.3 volt operation * <6 ps rms jitter (output frequencies >12 MHz) * Advanced custom ASIC technology * Surface mountable * TTL or CMOS selectable * Tri-state output * 0/70C or -40/85C Operating Temp. Range
Performance Characteristics
Parameter Frequency: Supply Voltage: (+3.3 V) (+5.0 V) Symbol fO VDD IDD VOH VOL tR tF SYM VC VC APR 45 0/70 or -40/85 0.5 0.3 +/-50 +/- 80 +/-100 Positive IVCXO BW 10 7.8 x 8.5 x 3.3 1 4.5 3.0 Minimum 1.024 2.97 4.5 3.3 5.0 Typical Maximum 65.536 3.63 5.5 Units MHz V mA
--
Supply Current: Output Logic Levels (VDD =4.5V): Output Logic High: Output Logic Low: Transition Times: Rise Time Fall Time Symmetry or Duty Cycle: Operating temperature (ordering option): Test Conditions for APR (+5V option): Test Conditions for APR (+3.3V option): Absolute Pull Range (ordering option):
10mA +0.25mA/MHz 0.8*VDD --
0.1* VDD 5 5 55
V V ns ns % C V V ppm
Gain Transfer: Control Voltage Leakage Current: Control Voltage Bandwidth (-3dB): Package Size:
ppm/V uA kHz mm
Vectron International * 267 Lowell Road, Hudson, NH 03051 * Tel: 1-88-VECTRON-1 * Web: www.vectron.com
24
Voltage Controlled Crystal Oscillators (VCXO's) S-Type
Thru-Hole Gull-Wing
VCXO
Pin Out Information
Pin # 1 2 3 4 5 Symbol VC Tri-state GND Output TTL/CMOS Name/Function VCXO: Control Voltage to modulate frequency. TTL logic low disables output. TTL logic high or no connection enables output frequency. Circuit and case ground Output waveform TTL logic low provides waveform symmetry for CMOS. TTL logic high or no connection provides waveform symmetry for TTL. Supply Voltage, 5 V 10% or 3.3V 10%
Standard Frequencies (MHz)
1.024 4.000 6.176 10.000 12.900 16.123 20.480 32.768 50.000 1.544 4.032 6.312 11.000 13.000 16.384 24.000 34.368 51.840 2.000 4.096 6.400 11.2896 13.500 17.734 24.576 35.328 52.000 2.048 4.434 8.000 11.290 14.318 18.432 24.704 38.880 3.088 5.000 8.192 12.000 15.360 19.440 27.000 40.000 3.580 5.760 8.448 12.288 15.440 19.985 30.000 40.960 3.686 6.144 9.192 12.352 16.000 20.000 32.000 44.736
6
VDD
Ordering Information
S
G
U
G
L
A
44.736
MHz
Package Size S-Type
Frequency
Configuration T = Thru hole G = Gull wing Output, Symmetry U = VCXO, +5V, standard linearity L = VCXO, +5V, 10% linearity D = VCXO, +3.3V, standard linearity K = VCXO, +3.3V, 10% linearity
Symmetry A = 45/55% Temperature Range C = 0oC to +70oC L = -40oC to +85oC Absolute Pull Range G = +50 ppm N = +80 ppm H = +100 ppm
Vectron International * 267 Lowell Road, Hudson, NH 03051 * Tel: 1-88-VECTRON-1 * Web: www.vectron.com
25


▲Up To Search▲   

 
Price & Availability of STLGCA44736

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X